Part Number Hot Search : 
KBJ10D 300BZ 66TQC N80C51BH GC10212R KA7630 15P10GH 1ATETR
Product Description
Full Text Search
 

To Download T6326A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 tm
TE CH
Preliminary T6326A
Low-Dropout, Constant-Current White LED with Channel Control
FEATURES
* Up to 400mA LED Bias Current * 3% LED Current Matching * Simple LED Brightness Control www..com * Low 0.05uA Shutdown Current * 3V to 5.5V Supply Voltage Range * MSOP-10L Package * Output channel : MSOP-10L package for four channel * LED1~4 Channels ON / OFF states: T6326A-AM with 16 channel states T6326A-BM with 5 channel states * Build in Thermal Protect 140 C
GRNERAL DESCRIPTION
The T6326A low-dropout bias supply for white LEDs is a high-performance alternative to the simple ballast resistors used in conventional white LED designs. The T6326A with internal channel on/off select function. The T6326A uses a single resistor to set the bias current for four LEDs, which are matched to 3%. The T6326A advantages over ballast resistors include significantly better LED to LED bias matching, much lower bias variation with supply voltage variation, significantly lower dropout voltage, and in some applications, significantly improved efficiency. The T6326A is available in MSOP-10L package.
Applications
* Cellular Phones * Portable Communication Devices * Handheld Electronics * Digital Cameras * PDAs * LED/Display Back Light Driver * LEDs for Camera Flash
PART NUMBER EXAMPLES
PART NO. T6326A-AM T6326A-BM PACKAGE MSOP-10L MSOP-10L ON states 16 5
TM Technology Inc. reserves the right P. 1 to change products or specifications without notice.
Publication Date: FEB. 2006 Revision: A
tm
VSET LED1 LED2 LED3
www..com
TE CH
Preliminary T6326A
PIN ARRANGEMENT(Top view)
1 2 3 4 5
10 9 8 7 6
CH SW EN VDD VSS VSS
LED4
MSOP-10L
PIN DESCRIPTION
SYMBOL MSOP -10L
DESCRIPTION
VSET terminal is used to connect an extermal resistor to set output current. The current flowing into VSET sets the bias current into each LED by ILED_= 250 x ISET. VSET is internally biased to 0.306V. VSET is high impedance when EN is low. LED 1 Cathode Connection. Current flowing into LED1 is 250 times the current flowing into SET. LED1 is high impedance when EN is low. LED 2 Cathode Connection. Current flowing into LED1 is 250 times the current flowing into SET. LED2 is high impedance when EN is low. LED 3 Cathode Connection. Current flowing into LED1 is 250 times the current flowing into SET. LED3 is high impedance when EN is low. LED 4 Cathode Connection. Current flowing into LED1 is 250 times the current flowing into SET. LED4 is high impedance when EN is low. Ground Power supply Enables T6326A signal, H: Ative, L : Power Down . Set LED1~4 Channels ON / OFF, the rising edge of CHSW will change next states.
VSET LED1 LED2 LED3 LED4 VSS VDD EN CHSW
1 2 3 4 5 6,7 8 9 10
TM Technology Inc. reserves the right P.2 to change products or specifications without notice.
Publication Date: FEB. 2006 Revision: A
tm
Parameter
TE CH
Preliminary T6326A
Symbol VIN TA TLEAD TS Value -0.3 to 6 -40 to +85 300 -65 to +150 1 Unit V C C C W
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin relative to GND Operating Temperature Rang Maximum Soldering Temperature (at leads, 10 sec) Storage Temperature Rang
www..com
Continuous Power Dissipation ( TA = +70C )
Electrical Characteristics
(TA = -40 to 85C unless otherwise noted. Typical values are at TA =25C, VEN =3.3V, VLED1 = VLED2= VLED3= VLED4= 1V)
Symbol VEN ISET ISETR VSET ICM ILED ILSD VIH VIL TTP
Description Operating voltage range SET input current range SET to LED current ratio SET bias voltage Maximum LED sink current LED leakage current in shutdown Input high voltage Input low voltage
Conditions EN is power supply input ILED / ISET, ISET=400uA ISET=400uA Each LED
Min. Typ. Max 3 250 0.306 3 350 0.01 400 1 5.5 1400 1600
Unit V uA A/A V % mA uA V
LED to LED current matching ISET=400uA VLED1=VLED2=VLED3=VLED4= 3.3V, EN=GND, TA=+25C, each LED VEN >VIH for enable, VDD=5V 2.5 VEN 2.2 140
V C
Thermat Protect
TM Technology Inc. reserves the right P.3 to change products or specifications without notice.
Publication Date: FEB. 2006 Revision: A
tm
TE CH
Preliminary T6326A
Applications Information
Very Low-Cost, High-Efficiency Solution . A battery (single Li+ or three NiMH cells) powers the LEDs directly. This is the least expensive and most efficient architecture. Due to the high forward voltage of white LEDs, the LED brightness may dim slightly at the end of battery life. The T6326A current regulating architecture and low dropout greatly minimize this effect compared to using simple ballast resistors. The enable function of the T6326A turns on and off the LEDs.
Functional Description
The T6326A provides constant current bias supply for white LED designs. The T6326A uses a single resistor to set the bias current for up to three LEDs. LED bias currents are matched to 3% by the T6326A current matching architecture (Fig. 1). The T6326A offers several advantages over using ballast www..com resistors, such as improved LED to LED brightness matching, lower bias variation with supply voltage changes, significantly lower dropout voltage, and in some applications, significantly improved efficiency. Enable Input EN powers the input of the T6326A. Drive EN high (> 2.5V) to enable the device; drive EN low (< 2.2V) to disable the device. Driving EN low forces LED1, LED2, LED3, LED4 and SET into a high-impedance state. CHSW Input The Set LED1~4 Channels ON / OFF , the rising edge of CHSW will change next states. The T6326A with Internal SEL pad Channel function select. The T6326A-AM with 16 channel states: LED[1:4]=[1111],[1110],[1101],[1100], [1011],[1010],[1001],[1000], [0111],[0110],[0101],[0100], [0011],[0010],[0001],[0000] The T6326A-BM with 5 channel states : LED[1:4]=[1111],[1110],[1100],[1000],[0000] Setting the Output Current SET controls the LED bias current. Current flowing into LED1, LED2, LED3 and LED4 is 250 times greater than the current flowing into SET. Set the output current as follows: ILED = 250 (VSET / RSET ) VSET = 0.306V
TM Technology Inc. reserves the right P.4 to change products or specifications without notice.
Publication Date: FEB. 2006 Revision: A
tm
TE CH
Preliminary T6326A
TYPICAL APPLICATION CIRCUITS
V+ VDD
www..com
ON OFF
VDD EN
LED1
LED2
LED3
LED4
CHSW SET GND
R
Very low-cost, high-efficiency solution
TM Technology Inc. reserves the right P.5 to change products or specifications without notice.
Publication Date: FEB. 2006 Revision: A
tm
TE CH
Preliminary T6326A
PACKAGE DIMENSIONS 10-LEAD MSOP-10L
B B1
www..com
K
T h e rm a l P a d *
J
A1
A
C1 C2
C F
D
H
E
Symbol A A1 B B1 C C1 C2 D E F J K H
Min. 0.75 0.00 0.17 0.40 0.10 -
Dimension in mm Typ. 4.90 3.00 3.00 0.50 0.85 0.60 0.15 1.715 REF 1.600 REF 0~8
Max. 1.10 0.95 0.15 0.27 0.80 0.25 -
Min. 0.029 0.000 0.007 0.015 0.004 -
Dimension in inch Typ. 0.193 0.118 0.118 0.019 0.033 0.024 0.006 0.067 REF 0.063 REF 0~8
Max. 0.043 0.037 0.006 0.010 0.031 0.010 -
*Note : The thermal pad on the IC's bottom has to be mounted on the copper foil. To eliminate the noise influence, the thermal pad is suggested to be connected to GND on PCB. In addition, desired thermal conductivity will be improved, if a heat-conducting copper foil on PCB is soldered with thermal pad. The thermal pad enhances the power dissipation. As a result, a large amount of current can be sunk safely in one package.
TM Technology Inc. reserves the right P.6 to change products or specifications without notice.
Publication Date: FEB. 2006 Revision: A


▲Up To Search▲   

 
Price & Availability of T6326A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X